Part Number Hot Search : 
IDT71V UZ5116 STB6NA60 A5800494 TC159 NCP21XV PCA95 AD234AR
Product Description
Full Text Search
 

To Download SF4007-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sf4001, sf4002, sf4003, sf4004, sf4005, sf4006, sf4007 www.vishay.com vishay semiconductors rev. 1.9, 11-sep-12 1 document number: 86060 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ultra-fast avalanche sinterglass diode mechanical data case: sod-57 terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: approx. 369 mg features ? glass passivated ? hermetically sealed axial leaded glass envelope ? low reverse current ? high reverse voltage ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 applications ? switched mode power supplies ? high-frequency inverter circuits ? ? ? ? ? 949539 ordering information (example) device name ordering code tape d units minimum order quantity sf4007 SF4007-TR 5000 per 10" tape and reel 25 000 sf4007 sf4007-tap 5000 per ammopack 25 000 parts table part type differentiation package sf4001 v r = 50 v; i f(av) = 1 a sod-57 sf4002 v r = 100 v; i f(av) = 1 a sod-57 sf4003 v r = 200 v; i f(av) = 1 a sod-57 sf4004 v r = 400 v; i f(av) = 1 a sod-57 sf4005 v r = 600 v; i f(av) = 1 a sod-57 sf4006 v r = 800 v; i f(av) = 1 a sod-57 sf4007 v r = 1000 v; i f(av) = 1 a sod-57 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit reverse voltage = repetitive peak reverse voltage see electrical characteristics sf4001 v r = v rrm 50 v sf4002 v r = v rrm 100 v sf4003 v r = v rrm 200 v sf4004 v r = v rrm 400 v sf4005 v r = v rrm 600 v sf4006 v r = v rrm 800 v sf4007 v r = v rrm 1000 v peak forward surge current t p = 10 ms, half sine wave i fsm 30 a
sf4001, sf4002, sf4003, sf4004, sf4005, sf4006, sf4007 www.vishay.com vishay semiconductors rev. 1.9, 11-sep-12 2 document number: 86060 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 average forward current lead length l = 10 mm i fav 1a junction and storage temperature range t j = t stg - 55 to + 175 c non repetitive reverse avalanche energy i (br)r = 0.4 a e r 10 mj absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition part symbol value unit maximum thermal resistance (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit junction ambient lead length l = 10 mm, t l = constant r thja 45 k/w on pc board with spacing 25 mm r thja 100 k/w electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit forward voltage i f = 1 a sf4001 v f --1v sf4002 v f --1v sf4003 v f --1v sf4004 v f --1v sf4005 v f --1.7v sf4006 v f --1.7v sf4007 v f --1.7v reverse current v r = v rrm i r --5a v r = v rrm , t j = 125 c i r - - 50 a reverse breakdown voltage i r = 100 a sf4001 v (br)r 50 - - v sf4002 v (br)r 100 - - v sf4003 v (br)r 200 - - v sf4004 v (br)r 400 - - v sf4005 v (br)r 600 - - v sf4006 v (br)r 800 - - v sf4007 v (br)r 1000 - - v reverse recovery time i f = 0.5 a, i r = 1 a, i r = 0.25 a sf4001 t rr - - 50 ns sf4002 t rr - - 50 ns sf4003 t rr - - 50 ns sf4004 t rr - - 50 ns sf4005 t rr - - 75 ns sf4006 t rr - - 75 ns sf4007 t rr - - 75 ns
sf4001, sf4002, sf4003, sf4004, sf4005, sf4006, sf4007 www.vishay.com vishay semiconductors rev. 1.9, 11-sep-12 3 document number: 86060 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 ? c, unless otherwise specified) fig. 1 - max. thermal re sistance vs. lead length fig. 2 - max. average forward current vs. ambient temperature fig. 3 - max. average forward current vs. ambient temperature fig. 4 - max. average forward current vs. ambient temperature fig. 5 - max. average forward current vs. ambient temperature fig. 6 - max. forward current vs. forward voltage 0 20 40 80 60 100 120 15 10 5 0 202530 r thja - ther. re s i s t. junction/ambient (k/w) l - lead length (mm) 949552 ll t l = con s tant 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) 96 12130 i fav - average forward current (a) v r = v rrm f 1 khz r thja 100 k/w pc board s f4001 to s f4004 96 12131 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 100 k/w pc board s f4005 to s f4007 96 12052 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 45 k/w l = 10 mm s f4001 to s f4004 96 12053 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140 160 180 t amb - ambient temperature (c) i fav - average forward current (a) v r = v rrm f 1 khz r thja 45 k/w l = 10 mm s f4005 to s f4007 0.001 0.01 0.1 1 10 0.0 0.4 0.8 1.2 1.6 2.0 v f - forward voltage (v) 96 12048 i f - forward current (a) t j = 175 c s f4001 to s f4004 t j = 25 c
sf4001, sf4002, sf4003, sf4004, sf4005, sf4006, sf4007 www.vishay.com vishay semiconductors rev. 1.9, 11-sep-12 4 document number: 86060 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - max. forward current vs. forward voltage fig. 8 - max. reverse curr ent vs. junction temperature fig. 9 - max. reverse power dissipation vs. junction temperature fig. 10 - diode capacitance vs. reverse voltage 0.001 0.01 0.1 1 10 0.0 0.8 1.6 2.4 3.2 4.0 v f - forward voltage (v) 96 12050 i f - forward current (a) t j = 175 c s f4005 to s f4007 t j = 25 c 1 10 100 1000 25 50 75 100 125 150 175 t j - junction temperature (c) 96 12056 i r - rever s e current (a) s f4001 to s f4007 v r = v rrm 0 50 100 150 200 250 300 350 400 450 500 25 50 75 100 125 150 175 t j - junction temperature (c) 16476 v r = v rrm p r - rever s e power di ss ipation (mw) s f4004 s f4004 s f4007 p r - limit at 100 % v r s f4007 p r - limit at 80 % v r p r - limit at 100 % v r p r - limit at 80 % v r 0 5 10 15 20 25 30 35 40 45 50 0.1 1 10 100 v r - rever s e voltage (v) 16477 c d - diode capacitance (pf) f = 1 mhz s f4004 s f4007
sf4001, sf4002, sf4003, sf4004, sf4005, sf4006, sf4007 www.vishay.com vishay semiconductors rev. 1.9, 11-sep-12 5 document number: 86060 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): sod-57 20543 3.6 (0.142) max. 26 (1.024) min. 4 (0.157) max. 26 (1.024) min. 0.82 (0.032) max.
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SF4007-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X